Part Number Hot Search : 
31ACD UDA1361 IRF6721 TC1920 12500 NZH27C D1162 Z10CP
Product Description
Full Text Search
 

To Download 1783680000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet... ? ? creation date may 23, 2013 9:03:30 am cest ? catalogue status 27.9.2012 / we reserve the right to make technical changes. 1 omnimate power - series lx lx 15.00/03/90 4.5sn gy bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-292083 www.weidmueller.com general ordering data ? order no. 1783680000 type lx 15.00/03/90 4.5sn gy bx version pcb terminal, 15.00 mm, no. of poles: 3, 90, solder pin length (l): 4.5 mm, tinned, pebble grey, clamping yoke connection, clamping range, rated connection, max.: 25 mm2, box gtin (ean) 4032248184934 qty. 20 pc(s). product data iec: 1000 v / 101 a / 1.5 - 25 mm2 ul: 600 v / 85 a / awg 16 - awg 4 packaging box ? ? ? high-performance pcb terminal with proven clamping yoke connection at 15.00 mm pitch, conductor outlet direction in 90 design. version and test point ? 1.50 - 25 mm2 (iec) / 16 - 4 awg (ul) ? 1000 v (iec) / 600 v (ul) ? 101 a (iec) / 85 a (ul)
data sheet... ? omnimate power - series lx lx 15.00/03/90 4.5sn gy bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-292083 www.weidmueller.com technical data ? ? creation date may 23, 2013 9:03:30 am cest ? catalogue status 27.9.2012 / we reserve the right to make technical changes. 2 dimensions and weights ? net weight 51.05 g ? ? ? system characteristics ? product family omnimate power - series lx ? wire connection method clamping yoke connection mounting onto the pcb solder connection ? conductor outlet direction 90 pitch in mm (p) 15 mm ? pitch in inches (p) 0.591 inch no. of poles 3 ? fitted by customer no max. adjacent poles per row 10 ? number of rows 1 solder pin length (l) 4.5 mm ? solder eyelet hole diameter (d) 1.6 mm solder eyelet hole diameter tolerance (d) + 0,1 mm ? number of solder pins per pole 2 screwdriver blade 1.0 x 5.5 ? screwdriver blade standard din 5264 tightening torque, min. 2.4 nm ? tightening torque, max. 4 nm clamping screw m 5 ? stripping length 16 mm l1 in mm 30 mm ? l1 in inches 1.181 inch touch-safe protection acc. to din vde 0470 ip 10 ? touch-safe protection acc. to din vde 57 106 safe from finger touch ? material data ? insulating material wemid (pa) ? colour pebble grey ul 94 flammability rating v-0 ? cti 600 temperature of glow-wire test 960 c ? duration of glow-wire test 30 s contact material e-cu ? contact surface tinned contact base material e-cu ? ? ? connectable conductors ? clamping range, rated connection, min. 1.31 mm2 ? clamping range, rated connection, max. 25 mm2 wire connection cross section awg, min. awg 16 ? wire connection cross section awg, max. awg 4 solid, min. h05(07) v-u 1.5 mm2 ? solid, max. h05(07) v-u 16 mm2 stranded, max. h07v-r 25 mm2 ? stranded, min. h07v-r 6 mm2 flexible, min. h05(07) v-k 1.5 mm2 ? flexible, max. h05(07) v-k 25 mm2 w. wire end ferrule, din 46228 pt 1, min 1.5 mm2 ? w. wire end ferrule, din 46228 pt 1, max. 16 mm2 w. plastic collar ferrule, din 46228 pt 4, min. 1.5 mm2 ? w. plastic collar ferrule, din 46228 pt 4, max. 16 mm2 plug gauge acc. to en 60999 a x b; ? 6.9 mm x 6.9 mm ? ? ? din iec rating data ? rated current, min. no. of poles (tu=20c) 101 a ? rated current, max. no. of poles (tu=20c) 101 a rated current, number of poles (tu=40c), min 101 a ? rated current, number of poles (tu=40c), max. 101 a rated voltage for surge voltage class / pollution degree ii/2 1,000 v ? rated voltage for surge voltage class / pollution degree iii/2 1,000 v rated voltage for surge voltage class / pollution degree iii/3 1,000 v ? rated impulse voltage for surge voltage class/ pollution degree ii/2 6 kv rated impulse voltage for surge voltage class/ pollution degree iii/2 8 kv ? rated impulse voltage for surge voltage class/ contamination degree iii/3 8 kv short-time withstand current resistance 3 x 1s mit 1000 a ? ? ?
data sheet... ? omnimate power - series lx lx 15.00/03/90 4.5sn gy bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-292083 www.weidmueller.com technical data ? ? creation date may 23, 2013 9:03:30 am cest ? catalogue status 27.9.2012 / we reserve the right to make technical changes. 3 csa rating data ? institute (csa) ? rated voltage (use group b) 600 v rated current (use group b) 85 a ? rated voltage (use group c) 600 v rated current (use group c) 85 a ? rated voltage (use group d) 600 v rated current (use group d) 5 a ? wire cross-section, awg, min. awg 16 wire cross-section, awg, max. awg 4 ? ? ? ul 1059 rating data ? institute (ur) ? rated voltage (use group b) 600 v rated current (use group b) 85 a ? rated voltage (use group c) 600 v rated current (use group c) 85 a ? rated voltage (use group d) 600 v rated current (use group d) 5 a ? wire cross-section, awg, min. awg 16 wire cross-section, awg, max. awg 4 ? ? ? classifications ? etim 3.0 ec001284 ? unspsc 30-21-18-01 eclass 6.2 27-26-11-01 ? eclass 7.1 27-44-04-01 ? notes ? notes ? additional colours on request ? rated current related to rated cross-section & min. no. of poles. ? wire end ferrule without plastic collar to din 46228/1 ? wire end ferrule with plastic collar to din 46228/4 ? p on drawing = pitch ? rated data refer only to the component itself. clearance and creepage distances to other components are to be designed in accordance with the relevant application standards. ? approvals ? approvals rohs conform ? downloads ? cad library (p-cad format - ascii) lx.lia cad library (p-cad format - standard) lx.lib 3-d model ?
data sheet... ? omnimate power - series lx lx 15.00/03/90 4.5sn gy bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-292083 www.weidmueller.com drawings ? ? creation date may 23, 2013 9:03:30 am cest ? catalogue status 27.9.2012 / we reserve the right to make technical changes. 4
data sheet... ? omnimate power - series lx lx 15.00/03/90 4.5sn gy bx weidmller interface gmbh & co. kg klingenbergstra?e 16 d-32758 detmold germany fon: +49 5231 14-0 fax: +49 5231 14-292083 www.weidmueller.com drawings ? ? creation date may 23, 2013 9:03:30 am cest ? catalogue status 27.9.2012 / we reserve the right to make technical changes. 5 dimensioned drawing


▲Up To Search▲   

 
Price & Availability of 1783680000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X